PART |
Description |
Maker |
MS-0020 |
Shipped in tray (225pcs per pack)
|
Asahi Kasei Microsystems
|
HW-300B |
Shipped in bulk (500pcs per pack).
|
List of Unclassifed Manufacturers ETC
|
MS-P043 |
Shipped in stick (300 pcs per pack)
|
Asahi Kasei Microsystems
|
HG-106A HG106A |
Shipped in packet-tape reel(4,000pcs per reel) Shipped in packet-tape reel
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
P2288-02 P2288-09 |
MCU CMOS 44 LD 33MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY
|
Golledge Electronics, Ltd.
|
91804-0415 91804-0455 91804-0417 91804-8451 |
4XLL CON W/PNL W/RMNT MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL W/PNLMNT 4SDRPSTS MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL CON W/PNL O/RMNT MTLGKT W/EMI TRAY Right angle I/O latch receptacle; No. of Contacts:8; Pitch Spacing:0.5mm; No. of Rows:1; Mounting Type:PCB SMT; Color:Black; Current Rating:0.5A; Features:2 solder posts; Gender:Receptacle; Series:LaneLink?; Voltage Rating:30V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
HG-0815 |
Shipped in packet-tape reel(5,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-0812 |
Shipped in packet-tape reel(5,000pcs per reel)
|
Asahi Kasei Microsystems
|
HW-209A |
Shipped in packet-tape reel(5,000pcs per reel)
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
IDT74FCT845CSO IDT74FCT845CTP IDT74FCT845CD IDT74F |
8-Bit D-Type Latch A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 39 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 29 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 34 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. 8位D型锁存器 9-Bit D-Type Latch 9位D型锁存器 A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package rated at 13 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. 8位D型锁存器 300V Single N-Channel HEXFET Power MOSFET in a SO-8 package 9位D型锁存器
|
NXP Semiconductors N.V. Austriamicrosystems AG Coilcraft, Inc. Fairchild Semiconductor, Corp.
|